Part Number Hot Search : 
LXT400 C10E1 SC5680 EPE6388G NDH8502P 324989 QS5805B CSTN06
Product Description
Full Text Search
 

To Download S2APF501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 .050" [1.27] SCSI II/III
Adam Technologies, Inc.
INTRODUCTION: Adam Tech IDC SCSI II connectors are widely used as miniature, high density interfaces for many I/O applications. Offered in 50 and 68 positions they are a good choice for compact applications. They feature an extremely reliable contact design with the popular, polarized D face. Adam Tech connectors are manufactured with precision stamped contacts offering a choice of contact plating and a wide selection of mating and mounting options. FEATURES: Available in IDC or Card Edge Straddle mount Blade contact with Blanked terminal Industry standard compatibility Durable metal shell design Precision formed contacts Variety of Mating and mounting options MATING CONNECTORS: Adam Tech SCSI II / III connectors and all industry standard SCSI II / III connectors. SPECIFICATIONS: Material: Insulator: PBT, Glass filled, rated UL94V-0 Insulator Color: Black Contacts: Phosphor Bronze Metal backshell: Zinc, Nickel Plated Contact Plating: Gold Flash over nickel underplate on mating area, Tin over Copper underplate on tails Electrical: Operating Voltage: 250V AC Current Rating: 1 Amp max. Contact Resistance: 35 m max. initial Insulation Resistance: 500 M min. Dielectric Withstanding Voltage: 500V AC for 1 minute Mechanical: Insertion force: 5.3 oz max. Withdrawal force: 1.0 oz min. Durability: 100 cycles Temperature Rating: Operating Temperature: -55C to +105C PACKAGING: Anti-ESD plastic trays APPROVALS AND CERTIFICATIONS: UL Recognized File No. E224053 CSA Certified File No. LR1578596
IDC FLAT CABLE TERMINATION
S2A SERIES
ORDERING INFORMATION S2A PF 50 1
SERIES INDICATOR S2A = SCSI II/III .050 Connector
CONTACT TYPE PF = Plug, IDC Flat Cable Termination SF = Socket, IDC Flat Cable Termination
MOUNTING OPTIONS 1 = Flangeless for use with assembled, squeeze-latch hood 2 = Flanges with threaded mounting holes 3 = Flanges with threaded mounting holes & latch blocks
POSITIONS 50, 68
Pb
UL
(R)
(R)
(R)
E DCOMPLIANT
2002 / 95 / EC
RoHS V
116
909 Rahway Avenue * Union, New Jersey 07083 RoHS * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM COMPLIANT
.050" [1.27] SCSI II/III
Adam Technologies, Inc.
IDC FLAT CABLE TERMINATION
S2A SERIES
SCSI III 68P PLASTIC SHELL
IDC PLUG
.364 [9.25] .050 [1.27] .100 [2.54]
2.015 [51.17] 1.874 [47.60]
.546 [13.87] AFTER CRIMPING .256 [6.50] .251 [0.64] 1.934 [49.12]
SCSI II METAL SHELL
2.520.008 [64.00.2] 2.280.006 [57.90.15] 1.898.006 [48.20.15] .050 [1.27] #2-56 Thread 2 Places
IDC SOCKET
.220 [5.60]
.405 [10.30] .197 [5.00]
.618 [15.70] AFTER ASSEMBLY
SCSI II METAL SHELL
2.520.008 [64.00.2] 2.280.006 [57.90.15] 1.898.006 [48.20.15] .050 [1.27] #2-56 Thread 2 Places
IDC SOCKET WITH LATCH BLOCKS
.220 [5.60]
.405 [10.30]
.197 [5.00] .618 [15.70] AFTER ASSEMBLY
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
117


▲Up To Search▲   

 
Price & Availability of S2APF501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X